Part Number Hot Search : 
ES5108F 25C01 RC4194 SMCJ20 PC451C 00400 P2504 0505S
Product Description
Full Text Search
 

To Download 1N965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N962B-1 THRU 1N986B-1 AVAILABLE IN PER MIL-PRF-19500/117 * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
JAN, JANTX AND JANTXV
1N957 thru 1N986B and 1N962B-1 thru 1N986B-1
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500 mW @ +50C Power Derating: 4 mW / C above +50C Forward Voltage @ 200mA: 1.1volts maximum
ELECTRICAL CHARACTERISTICS @ 25C
JEDEC TYPE NUMBER (NOTE 1) NOMINAL ZENER VOLTAGE V Z (NOTE 2) VOLTS 1N957B 1N958B 1N959B 1N960B 1N961B 1N962B 1N963B 1N964B 1N965B 1N966B 1N967B 1N968B 1N969B 1N970B 1N971B 1N972B 1N973B 1N974B 1N975B 1N976B 1N977B 1N978B 1N979B 1N980B 1N981B 1N982B 1N983B 1N984B 1N985B 1N986B 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 ZENER TEST CURRENT 1 ZT (NOTE 3) Z @1 ZT ZT mA 18.5 16.5 15.0 14.0 12.5 11.5 10.5 9.5 8.5 7.8 7.0 6.2 5.6 5.2 4.6 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.0 1.8 1.7 1.5 1.4 1.3 1.1 OHMS 4.5 5.5 6.5 7.5 8.5 9.5 11.5 13 16 17 21 25 29 33 41 49 58 70 90 93 105 125 150 185 230 270 330 400 500 750 Z @1 ZK ZK OHMS 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 mA 1.0 .5 .5 .5 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 .25 1 ZM lR @ VR MAXIMUM ZENER IMPEDANCE MAX. DC ZENER CURRENT MAX. REVERSE LEAKAGE CURRENT
mA 55 50 45 41 38 32 31 28 25 24 20 18 16 15 13 12 11 10 9.5 8.8 7.9 7.4 6.8 6.0 5.5 5.0 4.6 4.1 3.7 3.3
A
5 5 5 5 2 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VOLTS 5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11 12 14 15 17 18 21 23 25 27 30 33 36 39 43 47 52 56 62 69 76 84
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any.
NOTE 1 NOTE 2 NOTE 3
Zener voltage tolerance on "B"suffix is + 5%. Suffix letter A denotes +10%. No Suffix denotes + 20% tolerance, "C" suffix denotes + 2% and "D" suffix denotes + 1%. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. Zener impedance is derived by superimposing on 1 A 60Hz rms a.c. current ZT equal to 10% of 1 ZT
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
23
1N957 thru 1N986B
INCLUDING -1 VERSIONS
FIGURE 2
Pd, Rated Power Dissipation (mW)
500 400 300 200 100 0 0 25 50 75 100 125 150 175
TA, Ambient temperature (C)
POWER DERATING CURVE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS)
3.
3
VO
LT
27
100
VO
LT
5. 1 VO LT
50 40 30 20
11
VO
LT
10
6.2
5 4 3 2
VO
LT
1 .1 .2 .3 .4 .5 1 25 10 20 OPERATING CURRENT lZT (mA) 30 40 50 100
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
24


▲Up To Search▲   

 
Price & Availability of 1N965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X